Part Number Hot Search : 
ULN2013 TZJ18 F334K CJ120 HCC4072 39306025 CLM6321N DE1AL248
Product Description
Full Text Search
 

To Download XAL1030-161ME Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  these parts are preproduction products for electrical evaluation only. specifcation subject to change without notice. shielded power inductors C xal1030 document 962-1 document 962-1 revised 07/25/12 inductance 2 dcr (mohms) 3 srf typ 4 i sat i rms (a) 6 part number 1 20% (h) typ max (mhz) (a) 5 20c rise 40c rise XAL1030-161ME_ 0.16 1.10 1.21 120 88.0 28.0 42.0 xal1030-301me_ 0.30 1.55 1.70 78 68.0 25.5 35.0 xal1030-561me_ 0.56 2.50 2.75 53 44.0 23.0 32.0 xal1030-102me_ 1.0 4.50 4.95 41 35.0 16.0 23.0 1. when ordering, please specify packaging code: xal1030-102mec packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (250 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape (1000 parts per full reel). factory order only, not stocked. 2. inductance tested at 100 khz, 0.1 vrms, 0 adc. 3. dcr measured on a micro-ohmmeter. 4. srf measured using agilent/hp 4395a or equivalent. 5. dc current at which the inductance drops 30% (typ) amount from its value without current. 6. current that causes the specifed temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. core material composite environmental rohs compliant, halogen free terminations rohs compliant tin-silver over copper. other termina - tions available at additional cost. weight 1.6 C 1.8 g ambient temperature C40c to +125c with i rms current, +125c to +165c with derated current. storage temperature component: C40c to +130c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) mean time between failures (mtbf) 26,315,789 hours packaging 250/7 reel; 1000/13 reel plastic tape: 24 mm wide, 0.3 mm thick, 16 mm pocket spacing, 3.25 mm pocket depth pcb washing only pure water or alcohol recommended ? very high current and low dcr ? low profle, only 3 mm high ? soft saturation makes them ideal for vrm/vrd applications. i rms testing i rms testing was performed on 0.75 inch wide 0.25 inch thick copper traces in still air. temperature rise is highly dependent on many factors including pcb land pattern, trace size, and proximity to other com - ponents. therefore temperature rise should be verifed in appli- cation conditions. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical of high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation.
shielded power inductors C xal1030 document 962-2 document 962-2 revised 07/25/12 irms derating l vs current l vs frequency -40 -20 02 04 06 08 0 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 25c pe r cent of rated rms i 0.445 0.020 11,3 0,5 0.394 0.020 10,0 0,5 0.122 3,1 0.094 2,39 recommended land p attern dash n umber max 0.262 6,65 xxx 0.087 0.004 2,20 0,10 0.175 0.010 4,45 0,25 a (see tab le) b (see tab le) a dash b number (in / mm) (in / mm) -161 0.359 / 9,11 0.374 / 9,51 -301 0.359 / 9,11 0.374 / 9,51 -561 0.351 / 8,91 0.363 / 9,21 -102 0.343 / 8,71 0.351 / 8,91 0.008 in 0,20 mm dimensions are in inches mm 1.0 h 0.56 h 0.30 h 0.16 h 0.1 1 10 0.1 1 100 10 frequenc y (mhz) inductance (h) 01 02 03 05 06 07 08 09 0 100 40 0 0.08 0.04 0.16 0.20 0.12 0.24 current (a) inductance (h) 0.16 h 01 02 03 05 06 07 0 40 80 0 0.1 0.2 0.3 0.4 0.5 current (a) inductance (h) 0.30 h 01 01 5 52 02 53 03 54 04 55 0 0 0.2 0.1 0.4 0.3 0.6 0.7 0.5 0.8 current (a) inductance (h) 0.56 h 0 0.8 0.4 1.2 1.6 current (a) inductance (h) 1.0 h 04 81 21 62 8 24 32 36 40 20 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical of high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of XAL1030-161ME

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X